Part Number Hot Search : 
GBPC5016 2SA1757 GBPC5016 EPD1024G LTC3444 AP4303 Z2618 CM4420
Product Description
Full Text Search
 

To Download MLZ2012M100W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  inductors mlz1005 1005 [0402 inch]* mlz1608 1608 [0603 inch] mlz2012 2012 [0805 inch] * dimensions code jis[eia] september 2013 inductors for decoupling circuits multilayer ferrite mlz series
(2/25) inductors 001-01 / 20130929 / inductor_decoupling_mlz_en.fm reminders for using these products before using these products, be sure to request the delivery specifications. safety reminders please pay sufficient attention to the warnings for safe designing when using these products. the storage period is less than 12 months. be sure to follow the storage conditions (temperature: 5 to 40c, humidity: 10 to 7 5% rh or less). if the storage period elapses, the soldering of the terminal electrodes may deteriorate. do not use or store in locations where there are conditions such as gas corrosion (salt, acid, alkali, etc.). before soldering, be sure to preheat components. the preheating temperature should be set so that the temperature difference between the solder temperature and chip temperature does not exceed 150c. soldering corrections after mounting should be within the range of the conditions determined in the specifications. if overheated, a short circuit, performance deterioration, or lifespan shortening may occur. when embedding a printed circuit board where a chip is mounted to a set, be sure that residual stress is not given to the chip due to the overall distortion of the printed circuit board and partial distortion such as at screw tightening portions. self heating (temperature increase) occurs when the power is turned on, so the tolerance should be sufficient for the set therm al design. carefully lay out the coil for the circuit board design of the non-magnetic shield type. a malfunction may occur due to magnetic interference. use a wrist band to discharge static electricity in your body through the grounding wire. do not expose the products to magnets or magnetic fields. do not use for a purpose outside of the contents regulated in the delivery specifications. the products listed on this catalog are intended for use in general electronic equipment (av equipment, telecommunications equipment, home appliances, amusement equipment, computer equipment, personal equipment, office equipment, measurement equipment, industrial robots) under a normal operation and use condition. the products are not designed or warranted to meet the requirements of the applications listed below, whose performance and/or quality require a more stringent level of safety or reliability, or whose failure, malfunction or trouble could cause serious damage to society, person or property. if you intend to use the products in the applications listed below or if you have special requirements exceeding the range or c onditions set forth in the each catalog, please contact us. (1) aerospace/aviation equipment (2) transportation equipment (cars, electric trains, ships, etc.) (3) medical equipment (4) power-generation control equipment (5) atomic energy-related equipment (6) seabed equipment (7) transportation control equipment (8) public information-processing equipment (9) military equipment (10) electric heating apparatus, burning equipment (11) disaster prevention/crime prevention equipment (12) safety equipment (13) other applications that are not considered general-purpose applications when designing your equipment even for general-purpose applications, you are kindly requested to take into consideration securi ng protection circuit/device or providing backup circuits in your equipment. reminders
(3/25) inductors 001-01 / 20130929 / inductor_decoupling_mlz_en.fm ? all specifications are subject to change without notice. inductors for decoupling circuits multilayer ferrite features the mlz series include inductors for decoupling circuits that have top-class dc superimposition characteristics and low dc resi stance. sizes range from 1005 to 2012, and they are compatible with wide frequency band noise, from low to high frequency. h type products have a rated current that is equivalent to that of wound coils. w type products are the new standar d type products that have both la rge current and low resistance. l type products have a resistance up to 60% lower than w type products. application smart phones, tablet terminals, laptop computers, various modules such as camera modules, dscs, video games, portable memory audio devices, navigation systems, pnds, wlans, ssds, automotive equipment (mlz1608, mlz2012) part number construction operating temperature range, pack age quantity, product weight operating temperature range includes self-temperature rise. the storage temperature range is for after the circuit board is mounted. product compatible with rohs directive halogen-free compatible with lead-free solders aec-q200 overview of the mlz series mlz 1005 m r10 w t ??? series name lwh dimensions product internal code inductance characteristic type packaging style internal code (mm) (h) 1005 1.00.50.5 a r10 0.1 h ultra-large current type t taping 1608 1.60.80.8 d 1r0 1 d high frequency type 2012 2.01.250.85 m 100 10 w large current type 2012 2.01.251.25 n l low resistance type p type temperature range package quantity individual weight operating temperature storage temperature c  c  (pieces/reel) mg  mlz1005 C55 to +125 C55 to +125 10000 1.2 mlz1608 C55 to +125 C55 to +125 4000 4 mlz2012 t=0.85 C55 to +125 C55 to +125 4000 10 t=1.25 2000 14 rohs directive compliant product: see the following for more details related to rohs directive compliant products. http://www.t dk.co.jp/rohs/ halogen-free: indicates that cl content is less than 900ppm, br content is less than 900ppm, and that the total cl and br conte nt is less than 1500ppm.
(4/25) inductors 001-01 / 20130929 / inductor_decoupling_mlz_en.fm ? all specifications are subject to change without notice. overview of the mlz series recommended reflow profile preheating soldering peak temp. time temp. time temp. time t1 t2 t1 t3 t2 t4 t3 150c 180c 60 to 120s 230c 30 to 60s 250 to 260c 10s max. natural cooling t3 t1 preheating t2 soldering t3 t3 t4 t2 t1 t: time peak t: temperature
(5/25) inductors 001-01 / 20130929 / inductor_decoupling_mlz_en.fm ? all specifications are subject to change without notice. mlz series mlz1005 type shape & dimensions recommended land pattern dimensions in mm 1.000.05 0.500.05 0.500.05 0.10min. 0.10min. dimensions in mm 0.5 0.5 0.4 0.5
(6/25) inductors 001-01 / 20130929 / inductor_decoupling_mlz_en.fm ? all specifications are subject to change without notice. mlz series y mlz1005 type electrical characteristics characteristics specification table 1 current assumed when inductance ratio has decreased by 50% max.. 2 current assumed when temperature has risen to 20c max. (reference value). operating temperature environment at this time: 105c max. the " ??? " of the part number contains the internal code.  measurement equipment ? equivalent measurement equipment may be used. type l l measuring conditions dc resistance ( )30% rated current 1 (ma) rated current 2 (ma) part no. (h) tolerance frequency (mhz) current (ma) large current 0.47 20% 2 0.1 0.20 120 500 mlz1005mr47wt 0.68 20% 2 0.1 0.30 110 450 mlz1005mr68wt 1.00 20% 2 0.1 0.35 100 450 mlz1005m1r0wt 1.50 20% 2 0.1 0.50 80 350 mlz1005m1r5wt 2.20 20% 2 0.1 0.55 60 350 mlz1005m2r2wt measurement item product no. manufacturer l 4294a+16034g agilent technologies dc resistance type-7561 yokogawa
(7/25) inductors 001-01 / 20130929 / inductor_decoupling_mlz_en.fm ? all specifications are subject to change without notice. mlz series y mlz1005 type electrical characteristics l frequency characteristics graph  measurement equipment ? equivalent measurement equipment may be used. 1 10 100 1000 inductance ( h ) frequency ( mhz ) 0.01 0.1 1 10 r47w r68w 1r0w 1r5w 2r2w product no. manufacturer e4991a+16192  agilent technologies
(8/25) inductors 001-01 / 20130929 / inductor_decoupling_mlz_en.fm ? all specifications are subject to change without notice. mlz series y mlz1005 type electrical characteristics inductance vs. dc bias characteristics graph  measurement equipment ? equivalent measurement equipment may be used. 0.0 1.0 2.0 3.0 050 150 100 dc current(ma) inductance ( h ) 2r2w 1r5w 1r0w r68w r47w product no. manufacturer 4291b+16200a+16192a agilent technologies
(9/25) inductors 001-01 / 20130929 / inductor_decoupling_mlz_en.fm ? all specifications are subject to change without notice. mlz series y mlz1005 type electrical characteristics impedance frequency characteristics graph  measurement equipment ? equivalent measurement equipment may be used. 11 0 1000 100 1 100 1000 10000 10 impedance ( ) frequency ( mhz ) r47w 2r2w r68w 1r0w 1r5w product no. manufacturer e4991a+16192a agilent technologies
(10/25) inductors 001-01 / 20130929 / inductor_decoupling_mlz_en.fm ? all specifications are subject to change without notice. mlz series mlz1608 type shape & dimensions recommended land pattern dimensions in mm 1.600.15 0.800.15 0.800.15 0.300.20 0.300.20 dimensions in mm 0.8 0.6 0.8 0.6
(11/25) inductors 001-01 / 20130929 / inductor_decoupling_mlz_en.fm ? all specifications are subject to change without notice. mlz series y mlz1608 type electrical characteristics characteristics specification table 1 current assumed when inductance ratio has decreased by 50% max.. 2 current assumed when temperature has risen to 20c max. (reference value). operating temperature environment at this time: 105c max. the " ??? " of the part number contains the internal code. (in the case of automotive grade "d25")  measurement equipment ? equivalent measurement equipment may be used. type l l measuring conditions dc resistance ( )30% rated current 1 (ma) rated current 2 (ma) part no. (h) tolerance frequency (mhz) current (ma) high frequency 0.10 20% 25 1.0 0.14 700 850 mlz1608dr10dt 0.22 20% 25 1.0 0.27 550 600 mlz1608dr22dt 0.47 20% 25 1.0 0.42 400 500 mlz1608dr47dt large current 1.00 20% 10 1.0 0.15 190 600 mlz1608a1r0wt 2.20 20% 10 1.0 0.25 130 500 mlz1608a2r2wt 4.70 20% 2 0.1 0.50 120 350 mlz1608m4r7wt 10.0 20% 2 0.1 1.05 90 250 mlz1608m100wt 22.0 20% 2 0.1 2.40 55 150 mlz1608m220wt low resistance 1.00 20% 2 0.1 0.11 140 700 mlz1608n1r0lt 2.20 20% 2 0.1 0.18 110 500 mlz1608n2r2lt 4.70 20% 2 0.1 0.32 80 400 mlz1608n4r7lt 10.0 20% 2 0.1 0.60 60 300 mlz1608n100lt measurement item product no. manufacturer l 4294a+16034g agilent technologies dc resistance type-7561 yokogawa
(12/25) inductors 001-01 / 20130929 / inductor_decoupling_mlz_en.fm ? all specifications are subject to change without notice. mlz series y mlz1608 type electrical characteristics l frequency characteristics graph  measurement equipment ? equivalent measurement equipment may be used. 1 10 100 1000 inductance ( h ) frequency ( mhz ) 0.01 0.1 1 100 10 dr10d dr22d dr47d a1r0w a2r2w m4r7w n1r0l n2r2l n4r7l n100l m220w m100w product no. manufacturer e4991a+16192  agilent technologies
(13/25) inductors 001-01 / 20130929 / inductor_decoupling_mlz_en.fm ? all specifications are subject to change without notice. mlz series y mlz1608 type electrical characteristics inductance vs. dc bias characteristics graph  measurement equipment ? equivalent measurement equipment may be used. 0 dc current(ma) inductance ( h ) 0.01 0.1 1 10 100 200 400 600 800 1000 n1r0l n2r2l n4r7l n100l dr10d dr22d dr47d a1r0w a2r2w m4r7w m220w m100w product no. manufacturer 4291b+16200a+16192a agilent technologies
(14/25) inductors 001-01 / 20130929 / inductor_decoupling_mlz_en.fm ? all specifications are subject to change without notice. mlz series y mlz1608 type electrical characteristics impedance frequency characteristics graph  measurement equipment ? equivalent measurement equipment may be used. 11 0 1000 100 1 100 1000 100000 10000 10 impedance ( ) frequency ( mhz ) dr10d dr22d dr47d a1r0w a2r2w m4r7w n1r0l n2r2l n4r7l n100l m220w m100w product no. manufacturer e4991a+16192a agilent technologies
(15/25) inductors 001-01 / 20130929 / inductor_decoupling_mlz_en.fm ? all specifications are subject to change without notice. mlz series mlz2012 type shape & dimensions recommended land pattern dimensions in mm 2.000.20 t 1.250.20 0.500.30 0.500.30 t 0.850.20 1.250.20 dimensions in mm 1.2 0.8 1.0 0.8
(16/25) inductors 001-01 / 20130929 / inductor_decoupling_mlz_en.fm ? all specifications are subject to change without notice. mlz series y mlz2012 type electrical characteristics characteristics specification table 1 current assumed when inductance ratio has decreased by 50% max.. 2 current assumed when temperature has risen to 20c max. (reference value). operating temperature environment at this time: 105c max. the " ??? " of the part number contains the internal code. (in the case of automotive grade "d25")  measurement equipment ? equivalent measurement equipment may be used. type l thickness t (mm) l measuring conditions dc resistance ( )30% rated current 1 (ma) rated current 2 (ma) part no. (h) tolerance frequency (mhz) current (ma) ultra-large current 1.0 20% 1.25 2 0.1 0.10 700 800 mlz2012m1r0ht 1.5 20% 1.25 2 0.1 0.14 550 700 mlz2012m1r5ht 2.2 20% 1.25 2 0.1 0.16 400 600 mlz2012m2r2ht 3.3 20% 1.25 2 0.1 0.20 350 500 mlz2012m3r3ht 4.7 20% 1.25 2 0.1 0.34 300 400 mlz2012m4r7ht 6.8 20% 1.25 2 0.1 0.40 220 350 mlz2012m6r8ht 10 20% 1.25 2 0.1 0.68 200 300 mlz2012m100ht high frequency 0.10 20% 0.85 25 1.0 0.07 1000 1150 mlz2012dr10dt 0.22 20% 0.85 25 1.0 0.13 800 900 mlz2012dr22dt 0.47 20% 1.25 25 1.0 0.18 550 700 mlz2012dr47dt large current 1.00 20% 0.85 10 1.0 0.10 280 900 mlz2012a1r0wt 1.50 20% 0.85 10 1.0 0.13 250 750 mlz2012a1r5wt 2.20 20% 0.85 10 1.0 0.15 210 650 mlz2012a2r2wt 3.30 20% 0.85 10 1.0 0.34 200 450 mlz2012a3r3wt 4.70 20% 0.85 2 0.1 0.30 180 500 mlz2012m4r7wt 6.80 20% 1.25 2 0.1 0.40 160 400 mlz2012m6r8wt 10.0 20% 1.25 2 0.1 0.47 150 350 MLZ2012M100Wt 15.0 20% 1.25 2 0.1 0.95 120 250 mlz2012m150wt 22.0 20% 1.25 2 0.1 1.25 100 220 mlz2012p220wt 22.0 20% 1.25 2 0.1 2.0 60 220 mlz2012m220wt 33.0 20% 1.25 2 0.1 2.60 55 190 mlz2012m330wt 47.0 20% 1.25 2 0.1 3.70 50 170 mlz2012m470wt low resistance 1.00 20% 0.85 2 0.1 0.06 220 1150 mlz2012n1r0lt 1.50 20% 0.85 2 0.1 0.10 190 900 mlz2012n1r5lt 2.20 20% 0.85 2 0.1 0.12 170 800 mlz2012n2r2lt 3.30 20% 0.85 2 0.1 0.15 130 750 mlz2012n3r3lt 4.70 20% 0.85 2 0.1 0.18 130 600 mlz2012n4r7lt 6.80 20% 0.85 2 0.1 0.25 110 550 mlz2012n6r8lt 10.0 20% 1.25 2 0.1 0.30 110 500 mlz2012n100lt 15.0 20% 1.25 2 0.1 0.47 90 350 mlz2012n150lt 22.0 20% 1.25 2 0.1 0.67 70 300 mlz2012n220lt 100.0 20% 1.25 2 0.1 3.50 30 140 mlz2012n101lt measurement item product no. manufacturer l 4294a+16034g agilent technologies dc resistance type-7561 yokogawa
(17/25) inductors 001-01 / 20130929 / inductor_decoupling_mlz_en.fm ? all specifications are subject to change without notice. mlz series y mlz2012 type electrical characteristics l frequency characteristics graph y h characteristic product  measurement equipment ? equivalent measurement equipment may be used. l frequency characteristics graph y d characteristic product  measurement equipment ? equivalent measurement equipment may be used. 1 10 100 1000 inductance ( h ) frequency ( mhz ) 0.1 1 100 10 m1r0h m1r5h m2r2h m3r3h m4r7h m6r8h m100h product no. manufacturer e4991a+16192  agilent technologies 1 10 100 1000 inductance ( h ) frequency ( mhz ) 0.01 0.1 1 1000 100 10 dr10d dr22d dr47d product no. manufacturer e4991a+16192a agilent technologies
(18/25) inductors 001-01 / 20130929 / inductor_decoupling_mlz_en.fm ? all specifications are subject to change without notice. mlz series y mlz2012 type electrical characteristics l frequency characteristics graph y w characteristic product  measurement equipment ? equivalent measurement equipment may be used. 1 10 100 1000 inductance ( h ) frequency ( mhz ) 0.01 0.1 1 1000 100 10 m100w m150w m220w p220w m330w m470w a1r0w a1r5w a2r2w a3r3w m4r7w m6r8w product no. manufacturer e4991a+16192  agilent technologies
(19/25) inductors 001-01 / 20130929 / inductor_decoupling_mlz_en.fm ? all specifications are subject to change without notice. mlz series y mlz2012 type electrical characteristics l frequency characteristics graph y l characteristic product  measurement equipment ? equivalent measurement equipment may be used. 1 10 100 1000 inductance ( h ) frequency ( mhz ) 0.1 1 1000 100 10 n1r0l n1r5l n2r2l n3r3l n4r7l n6r8l n100l n150l n220l n101l product no. manufacturer e4991a+16192  agilent technologies
(20/25) inductors 001-01 / 20130929 / inductor_decoupling_mlz_en.fm ? all specifications are subject to change without notice. mlz series y mlz2012 type electrical characteristics inductance vs. dc bias characteristics graph y h characteristic product  measurement equipment ? equivalent measurement equipment may be used. inductance vs. dc bias characteristics graph y d characteristic product  measurement equipment ? equivalent measurement equipment may be used. 0 dc current(ma) inductance ( h ) 0.1 1 10 100 200 400 600 800 1000 m1r0h m1r5h m2r2h m3r3h m4r7h m6r8h m100h product no. manufacturer 4291b+16200a+16192a agilent technologies 0 dc current(ma) inductance ( h ) 0.01 0.1 1 10 200 400 600 800 1000 dr10d dr22d dr47d product no. manufacturer 4291b+16200a+16192a agilent technologies
(21/25) inductors 001-01 / 20130929 / inductor_decoupling_mlz_en.fm ? all specifications are subject to change without notice. mlz series y mlz2012 type electrical characteristics inductance vs. dc bias characteristics graph (example) y w characteristic product  measurement equipment ? equivalent measurement equipment may be used. inductance vs. dc bias characteristics graph y l characteristic product  measurement equipment ? equivalent measurement equipment may be used. 0 dc current(ma) inductance ( h ) 0.1 1 10 100 1000 100 200 300 400 500 600 700 m100w m150w m220w m330w m470w m101w m4r7w m6r8w p220w product no. manufacturer 4291b+16200a+16192a agilent technologies 0 dc current(ma) inductance ( h ) 0.1 1 10 100 1000 100 200 300 400 500 n1r0l n220l n101l n150l n3r3l n4r7l n6r8l n100l n1r5l n2r2l product no. manufacturer 4291b+16200a+16192a agilent technologies
(22/25) inductors 001-01 / 20130929 / inductor_decoupling_mlz_en.fm ? all specifications are subject to change without notice. mlz series y mlz2012 type electrical characteristics impedance frequency characteristics graph y h characteristic product  measurement equipment ? equivalent measurement equipment may be used. impedance frequency characteristics graph y d characteristic product  measurement equipment ? equivalent measurement equipment may be used. 11 0 1000 100 1 100 1000 100000 10000 10 impedance ( ) frequency ( mhz ) m1r0h m1r5h m2r2h m3r3h m4r7h m6r8h m100h product no. manufacturer e4991a+16192a agilent technologies 11 0 1000 100 1 100 1000 10000 10 impedance ( ) frequency ( mhz ) dr10d dr22d dr47d product no. manufacturer e4991a+16192a agilent technologies
(23/25) inductors 001-01 / 20130929 / inductor_decoupling_mlz_en.fm ? all specifications are subject to change without notice. mlz series y mlz2012 type electrical characteristics impedance frequency characteristics graph y w characteristic product  measurement equipment ? equivalent measurement equipment may be used. 11 0 1000 100 1 100 1000 1000000 100000 10000 10 impedance ( ) frequency ( mhz ) m150w m220w p220w m330w m470w a1r0w m6r8w a1r5w a2r2w m4r7w a3r3w m100w product no. manufacturer e4991a+16192a agilent technologies
(24/25) inductors 001-01 / 20130929 / inductor_decoupling_mlz_en.fm ? all specifications are subject to change without notice. mlz series y mlz2012 type electrical characteristics impedance frequency characteristics graph y l characteristic product  measurement equipment ? equivalent measurement equipment may be used. 11 0 1000 100 1 100 1000 100000 10000 10 impedance ( ) frequency ( mhz ) n1r0l n220l n101l n3r3l n2r2l n1r5l n4r7l n6r8l n100l n150l product no. manufacturer e4991a+16192a agilent technologies
(25/25) inductors 001-01 / 20130929 / inductor_decoupling_mlz_en.fm ? all specifications are subject to change without notice. mlz series packaging style reel dimensions tape dimensions 1.0 ?180 2.0 2.0 0.5 ?13 0.2 ?21 0.8 ?60min. 14.4max. dimensions in mm 8.4 +2.0 C0.0 8.00.3 3.50.05 1.750.1 4.0 0.1 1.5 +0.1 C0.0 sprocket hole cavity a kb 2.0 0.05 2.0 0.05 160min. taping 200min. 300min. drawing direction dimensions in mm ty p e a b k mlz1005 1.150.1 0.650.1 0.8 max. mlz1608 1.90.2 1.10.2 1.1 max. mlz2012 t=0.85 2.30.2 1.50.2 1.1 max. t=1.25 2.30.2 1.50.2 1.5 max.
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: tdk: ? mlz2012e4r7p? mlz1608e4r7mt? mlz2012a2r2w? mlz2012a1r0m? mlz2012a2r2m? mlz2012e4r7m? mlz2012e100m? mlz1608n100l? mlz1608n1r0l? mlz1608n2r2l? mlz2012n100l? mlz2012n150l? mlz2012n1r0l? mlz2012n1r5l? mlz2012n2r2l? mlz2012n6r8l? mlz2012a1r0p? mlz1608a1r0m? mlz1608a2r2m? mlz1608e4r7m? mlz1608e100m? mlz1608a1r0mt? mlz2012a1r0mt? mlz2012a2r2mt? mlz2012e100mt? mlz2012e4r7mt? mlz1608dr10d? mlz1608dr22d? mlz1608dr47d? mlz1608a1r0w? mlz1608m4r7w? mlz1608m100w? mlz2012dr10d? mlz2012dr22d? mlz2012dr47d? mlz2012a1r0w? mlz2012a1r5w? mlz2012a3r3w? mlz2012m4r7w? MLZ2012M100W? mlz2012m150w? mlz2012m220w? mlz2012m330w? mlz2012m470w? mlz1005mr68w? mlz1005m1r0w? mlz1005m1r5w? mlz1005m2r2w? mlz2012n101lt? mlz2012m1r5ht? mlz2012p220wt? mlz2012m3r3ht? mlz2012m6r8ht


▲Up To Search▲   

 
Price & Availability of MLZ2012M100W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X